Part Number Hot Search : 
MC79L08 2A040 IDT74 5KP75 LBN07075 AOL1446L 224125 MA4EX
Product Description
Full Text Search
 

To Download 2QSP24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
NT
Features

0 DEA 24Q
Lead free RoHS compliant* Supports 15 KV IEC 61000-4-2 ESD equipment specification* Single device protects as many as 20 lines on exposed pins, communications ports
oH
S
CO
M
PL

Incorporates 40 bi-directional PN junction diodes Small form factor replaces 20 SOT23 packages
*R
02
General Information
The Model 2DEA Series is well-suited for space constrained designs where the requirements of international ESD standard specification IEC 61000-4-2 must be met. These highly integrated PN junction diode arrays are especially effective for use in PC notebooks and motherboards, engineering workstations and portable battery-powered devices such as PDAs and cellular phones. Space savings, as compared to popular BA V99 SOT23 based implementations, can yield a 75 % reduction in utilized board area. In addition, significant assembly cost reductions and manufacturing integrity improvements can be realized. Two package options are available. Model 2DEA consists of 20 bi-directional diode pairs in a miniature 24-pin JEDEC QSOP package. The 2DEB consists of 17 bi-directional diode pairs in a traditional wide-body SOIC JEDEC package.
Electrical & Environmental Characteristics
Electrical Characteristics
Supply Voltage Voltage @ any Channel Channel Clamp Current (continuous) Forward Voltage: @If = 1 mA @If = 12 mA Leakage Current @ VSSEnvironmental Characteristics
Operating Temperature Storage Temperature Diode Power Rating ESD Performance Withstand*: Contact Discharge Air Discharge TJ Tstg -55 -65 20 8 15 9 16 +125 +150 C C mW/diode kV kV
* Note: IEC 61000-4-2 ESD test performance is measured at the systems level and system designs, enclosure shielding and other conventional ESD control measures usually influence the results of these tests. Testing on the component level serves as an indicator that the system passes a specific compliance step, but does not ensure that the system passes at that level. The Model 2DEA/DEB device, therefore, can support successful implementation of the IEC 61000-4-2 system level ESD standard. *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
6 003
Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
Package Schematic
VDD 24 23
22
21 20
VSS 19 18 17 16 15 14 13
1
2
3
4
5
67 VSS
8
9
10 11
12 VDD
Symbol
VDD - VSS Vin IC Vf
Minimum
-0.3 -0.3
Nominal
Maximum
12 VDD + 0.5 15
Unit
V V mA V V A pF
0.8 0.1
0.9 1.5 10 5
Applications

Parallel printer ports, communication ports Hot-swappable designs IC protection
Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
Mechanical Characteristics QSOP Package Dimensions
A .635 TYP. (.025) 3.81 - 3.99 (.150 - .157)
Wide-Body SOIC Package Dimensions
12.66 - 12.86 (.496 - .505) 1.27 TYP. (0.50)
0.66 (.026) REF
7.40 - 7.60 (.291 - .299)
PIN 1
0.38 - 0.48 (.014 - .016) 2.44 - 2.64 (.096 - .104)
PIN 1
.21 - .31 (.008 - .012) 1.35 - 1.75 (.053 - .069)
0.10 - 0.30 (.004 - .012)
.10 - .25 (.004 - .010)
0.23 - 0.32 (.0091 - .0125)
0-8
.19 - .25 (.007 - .010)
0-8
10.11 - 10.51 (.398 - .414)
5.80 - 6.20 (.228 - .244)
.41 - 1.27 (.016 - .050)
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MS-013.
Model 2QSP24
A 8.56 - 8.74 (.337 - .344)
Governing dimensions are in mm. Dimensions in parentheses are in inches and are approximate. JEDEC Reference Number MO-137.
QSOP Package Power Temperature Derating Curve
1.25 WATTS 1.0 .75 .50 .25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE ( C ) 2QSP24
Wide-Body SOIC Package Power Temperature Derating Curve
1.25 WATTS 1.0 .75 .50 .25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE ( C ) WBSOIC20
Standard Part Numbers
Part Number (Tape & Reel) 2DEA-2-Q24R 2DEB-2-W20R
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
Part Number (Tubes) 2DEA-2-Q24T 2DEB-2-W20T
Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
Dispensing
For large quantities, the product will be dispensed in Tape and Reel (see diagram below).
A0
DIMENSIONS = MM (INCHES)
B0
K0
Package QSOP 24 Pin WBSOIC 20 Pin How To Order
A0 6.5 (0.256) 13 (0.519)
B0 9.0 (0.354) 10.8 (0.425)
K0 2.1 (0.083) 2.8 (0.110)
Width 16 (0.630) 24 (0.945)
Pitch 8 (0.315) 8 (0.315)
No. of Pieces No. of Pieces per 13 reel per tube 3,500 3,500 56 37
2 DEA - 2 - Q 24 R LF
Product Class Thin-Film-on-Silicon Product Function ESD Protection Diode Array DEA = 20 Lines DEB = 17 Lines Standard Standard Package Style Q= QSOP W = Wide-Body SOIC Pin Count Q = 24 W = 20
Dispensing R = Reel T = Tube
Terminations LF = 100 % Sn (lead free)
Typical Part Marking
Represents total content. Layout may vary.
PRODUCT FUNCTION PIN COUNT PIN 1 INDICATOR (MOLDED INDENT) MANUFACTURER'S TRADEMARK DEA002 24Q YYWW PACKAGE STYLE
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
DATE CODE
04/07 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 2QSP24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X